PART |
Description |
Maker |
RHFAC151K01V RHFAC151K02V RHFAC157K01V RHFAC157K02 |
Rad-Hard 8-Channel Multiplexer Rad-Hard Quad 2-Channel Multiplexer Rad-Hard Hex Inverter Rad-Hard Quad 2-Input NOR Gate Rad-Hard Quad 2-Input NAND Gate Rad-Hard Triple 3-Input NAND Gate Rad-Hard Quad 2-Input AND Gate Rad-hard hex Schmitt inverter low power Rad-Hard Quad 2-Input OR Gate Rad-Hard Hex D-Type Flip-Flop With Clear Rad-Hard Octal D-Type Flip-Flop With Clear Rad-Hard Octal D-Type Latch 3-state Rad-Hard Quad exclusive OR Rad-Hard Octal Bus Buffer 3-state Rad-Hard 16-bit D-Type Latch 3-state
|
ST Microelectronics
|
BW1221L2CLK |
Rad hard low voltage CMOS 16-bit bus buffer transceiver (3-state) with 3.6 V tolerant inputs and outputs BW1221L_2CLK 10位|数据资料
|
Advanced Monolithic Systems, Inc.
|
74HC640 74HCT640 74HCT640PW 74HC640D 74HC640DB 74H |
Octal bus transceiver; 3-state; inverting HCT SERIES, 8-BIT TRANSCEIVER, INVERTED OUTPUT, PDSO20 Octal bus transceiver 3-state inverting 74HC/HCT640; Octal bus transceiver; 3-state; inverting
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
M54HC573D M54HC573D1 M54HC573 M54HC573K1 M54HC5730 |
RAD-HARD OCTAL D-TYPE LATCH WITH 3 STATE OUTPUT NON INVERTING
|
ST Microelectronics STMicroelectronics
|
ACTS240MS |
Buffer/Line Driver, Octal, TTL Inputs, Rad-Hard, Advanced Logic, CMOS
|
Intersil
|
PI74FCT623T PI74FCT623TP PI74FCT623ATP |
FCT SERIES, 8-BIT TRANSCEIVER, TRUE OUTPUT, PDIP20 Single 8-bit Bus Transceiver 位总线收发 FAST CMOS OCTAL BUS TRANSCEIVER (3-STATE)
|
MtronPTI Pericom Semiconductor Corporation
|
M74HC623 8074 M74HC623B1R M74HC623RM13TR |
OCTAL BUS TRANSCEIVER (3-STATE NON INVERTING) OCTAL BUS TRANSCEIVER WITH 3 STATE OUTPUTS (NON INVERTING) From old datasheet system OCTAL BUS TRANSCEIVER (3-STATE NON INVERTING)
|
ST Microelectronics STMicroelectronics
|
LT1521-3.3 LT1521CS8-3.3 LT1521CST-3.3 LT1521IS8-3 |
Paired Cable; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes RoHS Compliant: Yes OCTAL BUS TRANSCEIVER/IOL=48mA O.C. 20-SOIC 0 to 70 3.3 V FIXED POSITIVE LDO REGULATOR, 0.75 V DROPOUT, PDSO8 OCTAL BUS TRANSCEIVER/IOL=48mA O.C. 20-SOIC 0 to 70 3.3 V FIXED POSITIVE LDO REGULATOR, 0.75 V DROPOUT, PDSO4 OCTAL BUS TRANSCEIVER/IOL=48mA O.C. 20-PDIP 0 to 70 3.3 V FIXED POSITIVE LDO REGULATOR, 0.75 V DROPOUT, PDSO8 Octal Bus Transceivers 20-SOIC 0 to 70 3 V FIXED POSITIVE LDO REGULATOR, 0.75 V DROPOUT, PDSO8 Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection
|
Linear Technology Corporation Linear Technology, Corp.
|
M74HCT245RM13TR M74HCT245TTR M74HCT245 M74HCT245B1 |
OCTAL BUS TRANSCEIVER (3-STATE NON INVERTING) OCTAL BUS TRANSCEIVER WITH 3 STATE OUTPUTS (NON INVERTED)
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics]
|
ISL70002SEHEVAL1Z ISL70002SEHX/SAMPLE ISL70002SEHF |
Rad Hard and SEE Hard 12A Synchronous Buck Regulator with Multi-Phase Current Sharing
|
Intersil Corporation
|